PART |
Description |
Maker |
LP3965EMP-1.8 LP3965EMP-2.5 |
1.5A Fast Ultra Low Dropout Linear Regulators LP3965 - 1.5A Fast Ultra Low Dropout Linear Regulator, Package: SOT-223, Pin Nb=5
|
NSC
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
AAT3200IGY-2.3-T1 AAT3200IGY-2.0-T1 AAT3200IGY-1.8 |
1.5A Fast Ultra Low Dropout Linear Regulators OmniPower LDO Linear Regulator
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MAX8841ELT31T MAX8840ELT30 MAX8840ELT33 MAX8841ELT |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in ??FN Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in µDFN
|
MAXIM INTEGRATED PRODUCTS INC
|
OM7764ASC OM7764AS |
Ultra Low Dropout / 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA) Hi-Rel Adjustable 1.21V-20V 3.0A Linear Regulator in a MO-078AA Package Ultra Low Dropout 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA) Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA)
|
IRF[International Rectifier]
|
NCV5662DSADJR4G |
Low Output Voltage, Ultra−Fast 2.0 A Low Dropout Linear Regulator with Enable ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
NCV8664ST50T3G |
Ultra−Low Iq Low Dropout Linear Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3
|
ON Semiconductor
|
NCP5662 |
Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable LOW OUTPUT VOLTAGE, ULTRA−FAST 2.0 A LOW DROPOUT LINEAR REGULATOR WITH ENABLE
|
ON Semiconductor
|
TPS79915 |
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
|
TI
|
RT9183H-18CG RT9183H-18CM RT9183H-18CM5 RT9183H-18 |
Ultra Low Dropout 1.5A Linear Regulator
|
Richtek Technology Corp... Richtek Technology Corporation
|
LADLD36L-SH2-R |
ULTRA LOW DROPOUT LINEAR REGULATOR
|
Unisonic Technologies
|
EUP7963-25KAIR1 EUP7963-18KAIR1 EUP7963-15KAIR1 EU |
3A Ultra Low-Dropout Linear Regulator
|
Eutech Microelectronics Inc
|